PART |
Description |
Maker |
3DD15 |
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 100V(Min.)
|
Inchange Semiconductor ...
|
2SB503 |
Collector-Emitter Breakdown Voltage-: V(BR)CEO= -50V(Min)
|
Inchange Semiconductor ...
|
2SC9011 |
Transistor. AM converter, AM/FM IF amplifier general purpose transistor. Collector-base voltage Vcbo = 60V. Collector-emitter voltage Vceo = 30V. Emitter-base voltage Vebo = 5V. Collector dissipation Pc(max) = 400mW. Collector current Ic
|
USHA India LTD
|
2SA542 |
Low frequency amplifier. Collector-base voltage: Vcbo = -30V. Collector-emitter voltage: Vceo = -25V. Emitter-base voltage Vebo = -5V. Collector dissipation: Pc(max) = 250mW.
|
USHA India LTD
|
HDMP-1014 HDMP-1012 |
Bipolar Transistor; Collector Emitter Voltage, Vceo:400V; Transistor Polarity:N Channel; Power Dissipation:250W; C-E Breakdown Voltage:400V; DC Current Gain Min (hfe):10; Collector Current:50A; Package/Case:TO-3 Phase Lock Loop (PLL) IC; Number of Circuits:1; Package/Case:14-DIP; Mounting Type:Through Hole 4Low成本千兆速率发接收芯片
|
Agilent(Hewlett-Packard)
|
2SB1537 |
Low collector to emitter saturation voltage VCE(sat). Large collector power dissipation PC.
|
TY Semiconductor Co., Ltd
|
SMBTA1407 |
NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
|
http://
|
2N6515 |
High voltage transistor. Collector-emitter voltage: Vceo = 250V. Collector-base voltage: Vcbo = 250V. Collector dissipation: Pc(max) = 625mW.
|
USHA India LTD
|
BF1012 Q62702-F1487 Q62702-S535 Q62702-C1659 |
NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage) NPN硅自动对焦和开关晶体管(高击穿电压低集电极发射极饱和电压) Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 12V Integrated stabilized bias network From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
PC895 PC875 PC865 |
From old datasheet system High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
|
SHARP[Sharp Electrionic Components]
|
2SD1007 |
High collector to emitter voltage: VCEO 120V.Collector-base voltage VCBO 120 V
|
TY Semiconductor Co., Ltd
|